|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
V150ME03-LF PHASE NOISE (1 Hz BW, typical) 9939 Via Pasar | San Diego, CA 92126 TEL: (858) 621-2700 | FAX: (858) 621-2722 URL: www.zcomm.com EMAIL: applications@zcomm.com Rev A1 Applications * Portable Radios * Satellite Modems * Earthstations Application Notes * AN-101: Mounting and Grounding * AN-102: Output Loading * AN-107: Manual Soldering (f) (dBc/Hz) Voltage-Controlled Oscillator Surface Mount Module OFFSET (Hz) Performance Specifications Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW) Harmonic Suppression (2nd) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance Pushing Pulling (14 dB Return Loss, Any Phase) Operating Temperature Range Package Style Power Supply Requirements Supply Voltage (Vcc, nom.) Supply Current (Icc) Additional Notes Min 100 Typ -115 -10 Max 200 Units MHz dBc/Hz dBc 0 10 5 8 50 12.5 11 96000 .2 .5 Vdc MHz/V dBm pF MHz/V MHz C -40 MINI-16-L Min Typ 12 19 85 Max 23 Units Vdc mA LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 1 of 2 FRM-S-002 B Voltage-Controlled Oscillator Surface Mount Module Tuning Curve, typ. 220 V150ME03-LF Rev A1 FREQUENCY (MHz) 200 180 160 140 120 100 80 0 1 2 3 4 5 6 7 8 9 10 11 12 85 C 25 C -40 C TUNING VOLTAGE (Vdc) Power Curve, typ. Footprint RECOMMENDED FOOTPRINT 11 10 9 8 7 6 5 91 104 117 127 137 147 156 166 175 184 192 201 209 POWER OUTPUT (dBm) SEVERAL HOLES OF O 0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING. 0.030 MIN. CUTBACK FROM LIVE PADS FREQUENCY (MHz) 85 C 25 C -40 C Physical Dimensions PIN CONFIGURATION P1 P2 P3 REST Vt RF OUT Vcc GROUND H 0.220 0.160 0.130 0.100 0.085 Z-COMM XXXXXXXX-LF W/O# D/C PACKAGE MINI-16 MINI-16-LOW MINI-16-L MINI-16-UL MINI-16-EL NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010 LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 2 of 2 FRM-S-002 B |
Price & Availability of V150ME03-LF |